PART |
Description |
Maker |
LTC1152 LTC1152C LTC1152CN8 LTC1152CS8 LTC1152I LT |
From old datasheet system Rail-to-Rail Input Rail-to-Rail Output Zero-Drift Op Amp
|
LINER[Linear Technology]
|
LT1494 LT1494CN8 LT1494IMS8 LT1494CMS8 LT1494CS8 L |
1.5盗 Max, Precision Rail-to-Rail Input and Output Op Amp 1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
|
LINER[Linear Technology]
|
AD8603 AD8603AUJ-R2 AD8603AUJ-REEL AD8603AUJ-REEL7 |
Precision Single MicroPower Rail to Rail Input/Output Low Noise CMOS Operational Amplifier Precision Dual MicroPower Rail-to-Rail Input/Output Amplifier Precision Micropower Low Noise CMOS Rail-Rail Input/Output Operational Amplifiers DUAL OP-AMP, 700 uV OFFSET-MAX, 0.385 MHz BAND WIDTH, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
BUS-66300II-883B BUS-66301II-883B BUS-66301II-B |
Rail-to-rail input/output 20 MHz GBP operational amplifiers Rail-to-rail input/output 8 MHz operational amplifiers MIL-STD-1553/ARINC总线控制 RTU通讯
|
Advanced Analog Technology, Inc.
|
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCP |
2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs® 2.7 V to 5.5 V, 450 レA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs 2.7 V to 5.5 V, 450 μA, Rail-to-Rail Output, Quad, 12-/16-Bit nanoDACs
|
AD[Analog Devices]
|
LT1800 LT1800CS5 LT1800CS8 LT1800IS5 LT1800IS8 180 |
80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 80MHz, 25V/µs Low Power Rail-to-Rail Input and Output Precision Op Amp; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 4000 uV OFFSET-MAX, 70 MHz BAND WIDTH, PDSO8 From old datasheet system 80MHz, 25V/us Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp 80MHz/ 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
|
Linear Technology, Corp. LINER[Linear Technology] Linear Technology Corporation
|
ISL28266FAZ-T7 ISL28266 ISL28166FHZ-T7 ISL28166 |
39uA Micropower Single and Dual Rail-to-Rail Input-Output Low Input Bias Current (RRIO) Op Amps
|
http:// Intersil Corporation
|
LT6005IDHC LT6003HDC LT6003IS5 LT6003CDC LT6003CS5 |
1.6V, 1楼矛A Precision Rail-to-Rail Input and Output Op Amps 1.6V, 1μA Precision Rail-to-Rail Input and Output Op Amps
|
Linear Technology
|
AD5302 AD5302BRM AD5322 AD5322BRM AD5312 AD5312BRM |
2.5 V to 5.5 V, 230 uA Dual Rail-to-Rail, Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO10 2.5 V to 5.5 V, 230 A, Dual Rail-to-Rail Voltage Output 8-Bit DAC in a 10-Lead MicroSOIC Package
|
Analog Devices, Inc. AD[Analog Devices]
|
LT1491ACDHCTR LT1491ACDHCTRPBF LT1491AIDHCTR LT149 |
Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps Dual Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
|
Linear Technology
|
AD7542AE AD7542BE AD7542GTD/883B AD7542TE/883B PM7 |
SOT-23, Rail-to-Rail Output, Picoamp Input Current Precision Op Amp; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Dual/Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 12-Bit Digital-to-Analog Converter 12位数字到模拟转换
|
ZETTLER electronics GmbH
|